Part Number Hot Search : 
SMCJ36A 2X245 5KP14A KBPC100 1N4750A DRA03TE D15XB20 TX715
Product Description
Full Text Search
 

To Download UB261 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd UB261 preliminary cmos ic www.unisonic.com.tw 1 of 10 copyright ? 2013 unisonic technologies co., ltd qw-r502-a27.a 1-cell lithium-ion/polymer battery protection ic ? description the utc UB261 is a series of lithium-ion/lithium-polymer rechargeable battery protection ics incorporating high accuracy voltage detection circuits and delay circuits. the utc UB261 is suitable for protection of single cell lithium-ion / lithium polymer battery packs from overcharge, over discharge and over current. the ultra-small package and less required external components make it ideal to integrate the utc UB261 into the limited space of battery pack. sot-26 4 5 3 2 1 6 ? features * wide supply voltage range: v dd =1.5v~8.0v * ultra-low quiescent current: i ope =3.0 a (v dd =3.5v) * ultra-low power-down current: i pdn =0.2 a (v dd =1.5v) * overcharge detection voltage: v cu =3.9v~4.4v * overcharge release voltage: v cl =3.8v~4.4v * over discharge release voltage: v dl =2.0v~3.0v * over discharge release voltage: v du =2.0v~3.4v * over current 1 detection voltage: v iov1 =0.05v~0.30v * over current 2 detection voltage: v iov2 =0.5v (fixed) * short circuit detection voltage: v short =1.2v (fixed) * charger detection voltage: v cha =-0.7v (fixed) * delay times are generated by an internal cir cuit. (external capacitors are unnecessary.) ? ordering information ordering number package packing lead free halogen free UB261l-xx-ag6-r UB261g-xx-ag6-r sot-26 tape reel note: xx: output voltage, refer to marki ng information.
UB261 preliminary cmos ic unisonic technologies co., ltd 2 of 10 www.unisonic.com.tw qw-r502-a27.a ? marking information package voltage code (note) marking sot-26 xx note: refer to se rial code list ? serial code list model code overcharge detection voltage [v cu ](v) overcharge release voltage [v cl ](v) over discharge detection voltage [v dl ](v) over discharge release voltage [v du ](v) over current detection voltage [v iov1 ](v) UB261 aa 4.325 4.075 2.50 2.90 0.150 ab 4.325 4.075 2.50 2.90 0.100 ac 4.300 4.200 2.40 3.00 0.200 ad 4.280 4.180 2.50 3.00 0.150 ae 4.280 4.080 2.30 2.40 0.100 af 4.275 4.075 2.50 2.90 0.150 ag 4.250 4.150 2. 40 3.00 0.100 ah 4.200 4.100 2.80 2.90 0.150 ai 4.100 3.850 2. 50 2.90 0.150 ? pin configuration ? pin description pin no. pin name description 1 do for discharge control: fet gate connection pin 2 v m for current sense and charger detection input pin 3 co for charge control: fet gate connection pin 4 dp test pin for delay time measurement 5 v dd positive power input 6 v ss negative power input
UB261 preliminary cmos ic unisonic technologies co., ltd 3 of 10 www.unisonic.com.tw qw-r502-a27.a ? block diagram oscillator overdischarge detector overcharge detector short circuit detector over current 1 detector over current 2 detector v dd v ss v m do 0v battery charge inhibition detector charger detector divider control logic vm co dp from oscillator
UB261 preliminary cmos ic unisonic technologies co., ltd 4 of 10 www.unisonic.com.tw qw-r502-a27.a ? absolute maximum rating (v ss =0v, t a =25 unless otherwise specified) parameter symbol ratings unit input voltage between v dd and v ss (note 2) v dd v ss -0.3 ~ v ss +12 v co output pin voltage v co v dd -12 ~ v dd +0.3 v do output pin voltage v do v ss -0.3 ~ v dd +0.3 v v m input pin voltage v m v dd -14 ~ v dd +0.3 v ambient operating temperature t opr -40 ~ +85 storage temperature t stg -55 ~ +125 notes: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. pulse ( sec) noise exceeding the above input voltage (v ss +12v) may cause damage to the ic. ? electrical characteristics (v ss =0v, t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit current consomption supply current i ope v dd =3.5v, v m =0v 3.0 8.0 a power-down current i pdn v dd =v m =1.5v 0.2 0.5 a operating voltage operating voltage between v dd -pin and v ss -pin v ds1 1.5 8 v operating voltage between v dd -pin and v m -pin v ds2 1.5 10 v detection voltage overcharge detection voltage v cu v cu -0.050 v cu v cu +0.050 v overcharge release voltage v cl v cl -0.050 v cl v cl +0.050 v overdischarge detection voltage v dl v dl -0.100 v dl v dl +0.100 v overdischarge release voltage v du v du -0.100 v du v du +0.100 v over current 1 detection voltage v iov1 v dd =3.5v v iov1 -0.03 v iov1 v iov1 +0.03 v over current 2 detection voltage v iov2 v dd =3.5v 0.35 0.50 0.65 v load short circuit detection voltage v short 0.5 1.2 1.7 v charger detection voltage v cha v du v dl -1.6 -0.7 -0.2 v 0v battery charge voltage 0v battery charge i nhibition battery voltage v 0inh 0.9 1.8 v internal resistance resistance between vm-pin and v dd -pin r vmd v dd =1.8v, v m =0v 100 300 900 k ? resistance between vm-pin and v ss -pin r vms v dd =3.5v, v m =1.0v 10 30 70 k ? output resistance co-pin resistance ?h? r coh v co =3.0v, v dd =3.5v, v m =0v 5 10 k ? co-pin resistance ?l? r col v co =0.5v, v dd =4.5v, v m =0v 5 10 k ? do-pin resistance ?h? r doh v do =3.0v, v dd =3.5v, v m =0v 5 10 k ? do-pin resistance ?l? r dol v do =0.5v, v dd =v m =1.8v 5 10 k ? delay time overcharge detection delay time t cu 0.9 1.2 1.5 s overdischarge detection delay time t dl 110 150 190 ms over current 1 detection delay time t iov1 v dd =3.5v 6 9 12 ms over current 2 detection delay time t iov2 v dd =3.5v 1 2.2 3.2 ms short circuit detection delay time t short 120 300 380 s
UB261 preliminary cmos ic unisonic technologies co., ltd 5 of 10 www.unisonic.com.tw qw-r502-a27.a ? operation 1. normal condition the utc UB261 series monitors the voltage of the battery connected between v dd pin and v ss pin and the voltage difference between v m pin and v ss pin to control charging and dischargi ng. when the battery voltage is in the range from the overdi scharge detection voltage (v dl ) to the overcharge detection voltage (v cu ), and the v m pin voltage is in the range from the charger detection voltage (v cha ) to the overcurrent 1 detection voltage (v iov1 ), the ic turns both the charging and discharging control fets on. this condition is called the normal condition, and in this condition charging and discharging can be carried out freely. note: when a battery is connected to the ic for the first ti me, discharging may not be enabled. in this case, short the v m pin and v ss pin or connect the charger to restore the normal condition. 2. overcurrent condition when a battery in the normal status is in the status where t he voltage of the v m pin is equal to or higher than the overcurrent detection voltage because the discharge current is higher than the specified value and the status lasts for the overcurrent detection delay time, the discharge co ntrol fet is turned off and discharging is stopped. this status is called the overcurrent stat us. in the overcurrent status, the v m and v ss pins are shorted by the resistor between v m and v ss (r vms ) in the ic. however, the voltage of the v m pin is at the v dd potential due to the load as long as the load is connected. when the load is disconnected, the v m pin returns to the v ss potential. this ic detects the status when the impedance between the eb+ pin and eb- pi n (refer to the typical application circuit) increases and is equal to the impedance that enables auto matic restoration and the voltage at the v m pin returns to overcurrent detection voltage 1 (v iov1 ) or lower and the overcurrent status is restored to the normal status. note: the impedance that enables automatic restoration vari es depending on the battery voltage and the set value of overcurrent 1 detection voltage. 3. overcharge condition when the battery voltage becomes higher than the overcharge detection voltage (v cu ) during charging under the normal condition and the detection continues fo r the overcharge detection delay time (t cu ), the utc UB261 series turns the charging control fet off to stop charging. this co ndition is called the overchar ge condition. the overcharge condition is released by the following two cases: (1) when the battery voltage falls below the overcharge release voltage (v cl ), the utc UB261 series turns the charging control fet on and turns to the normal condition. (2) when a load is connected and discharging starts, the utc UB261 series turns the charging control fet on and returns to the normal condition. just after the load is connected and discharging st arts, the discharging current flows through the parasitic diode in the char ging control fet. at this moment the v m pin potential becomes vf, the voltage for the parasitic diode, higher than v ss level. when the battery voltage goes under the overcharge detection voltage (v cu ) and provided that the v m pin voltage is higher than the over current 1 detection voltage, the utc UB261 series releases the overcharge condition. note 1: if the battery is charged to a voltage high er than the overcharge detection voltage (v cu ) and the battery voltage does not fall below the overcharge detection voltage (v cu ) even when a heavy load is connected, the detection of overcurrent 1, ov ercurrent 2 and load shortcircuiting do not f unction until the battery voltage falls below over charge detection voltage (v cu ). since an actual battery has an inte rnal impedance of several dozens of m ? , the battery voltage drops immediately after a heavy load that causes overcurrent is c onnected, and the detection of overcurrent 1, overcurrent 2 and load short-circuiting function. note 2: when a charger is connected after the overcharge detection, the overch arge condition is not released even if the battery voltage is belo w the overcharge release voltage (v cl ). the overcharge condition is released when the v m pin voltage goes over the charger detection voltage (v cha ) by removing the charger.
UB261 preliminary cmos ic unisonic technologies co., ltd 6 of 10 www.unisonic.com.tw qw-r502-a27.a ? operation(cont.) 4. overdischarge condition when the battery voltage falls below the overdischarge detection voltage (v dl ) during discharging under the normal condition and the detection continues fo r the overdischarge detection delay time (t dl ), the utc UB261 series turns the discharging control fet off to stop discharging. this condition is called the overdischarge condition. when the discharging control fet is turned off, the v m pin voltage is pulled up by the resistor between v m and v dd in the ic (r vmd ). when the voltage difference between the v m and v dd then is 1.2v (typ.) or lowe r, the current consumption is reduced to the power-down current consumption (i pdn ). this condition is called the power-down condition. the power-down condition is released when a charger is connected and the volta ge difference between the v m and v dd becomes 1.2v (typ.) or higher. moreover when the battery voltage becomes the overdischarge detection voltage (v dl ) or higher, the utc UB261 series turns the discharging fet on and returns to the normal condition. 5. charger detection when a battery in the overdischarge condition is connected to a charger and provided that the v m pin voltage is lower than the charger detection voltage (v cha ), the utc UB261 series releases the overdischarge condition and turns the discharging control fet on when the battery voltage becomes equal to or higher than the overdischarge detection voltage (v dl ) since the charger detection function works. this action is called charger detection. when a battery in the overdischarge condition is connected to a charger and provided that the v m pin voltage is not lower than the charger detection voltage (v cha ), the utc UB261 series releases the overdischarge condition when the battery voltage reaches the overdischarge detection voltage (v du ) or higher. 6. abnormal charge current detection if the v m pin voltage falls below the charger detection voltage (v cha ) during charging under normal condition and it continues for the overcharge detection delay time (t cu ) , the charging control fet turns off and charging stops. this action is called the abnormal charge current detection. abnormal charge current detection works when the do pin voltage is ?h? and the v m pin voltage falls below the charger detection voltage (v cha ). consequently, if an abnormal charge current flows to an over-discharged battery, the utc UB261 series turns the charging control fet off and stops charging after the battery voltage becomes higher than the overdischarge detection voltage which make the do pin voltage ?h?, and still after the overcharge detection delay time (t cu ) elapses. abnormal charge current detection is releas ed when the voltage difference between v m pin and v ss pin becomes less than charger detection voltage (v cha ). 7. delay circuits the detection delay times are determined by dividing a cl ock of the approximately 3. 5khz with the counter. note 1: the detection delay time for overcurrent 2 (t iov2 ) and load short-circuiting (t short ) start when the overcurrent 1 (v iov1 ) is detected. when the overcurrent 2 (v iov2 ) or load short-circuiting (v short ) is detected over the detection delay time for each of them (= t iov2 or t short ) after the detection of overcurrent 1 (v iov1 ), the utc UB261 series turns the fet off within t iov2 or t short of each detection. note 2: when the overcurrent is detec ted and continues for long er than the overdischarge detection delay time (t dl ) without releasing the load, the condition changes to the power-down condition when the battery voltage falls below the overdischarge detection voltage (v dl ). when the battery voltage falls belo w the overdischarge detection voltage (v dl ) due to the overcurrent, the utc UB261 series turns the discharging control fet off by the overcurrent detection. in this case the recovery of the battery voltage is so slow that if t he battery voltage after the overdischarge detection delay time (t dl ) is still lower than the ov er discharge detection voltage (v dl ), the utc UB261 series shifts to the power-down condition. 8. 0v battery charge inhibiting function this function inhibits the recharging when a battery that is short-circuited (0v battery) internally is connected. when the battery voltage is the 0v battery charge inhibition battery voltage (v 0inh ) or lower, the charging control fet gate is fixed to eb- pin voltage to inhibit charging. when the battery voltage is the 0v battery charge inhibition battery voltage (v 0inh ) or higher, charging can be performed.
UB261 preliminary cmos ic unisonic technologies co., ltd 7 of 10 www.unisonic.com.tw qw-r502-a27.a ? timing chart (1) overcharge detection, overdischarge detection battery voltage co pin do pin v m pin
UB261 preliminary cmos ic unisonic technologies co., ltd 8 of 10 www.unisonic.com.tw qw-r502-a27.a ? timing chart (cont.) (2) discharge overcurrent detection battery voltage co pin do pin v m pin
UB261 preliminary cmos ic unisonic technologies co., ltd 9 of 10 www.unisonic.com.tw qw-r502-a27.a ? timing chart (cont.) (3) abnormal charge overcurrent detection battery voltage co pin do pin v m pin
UB261 preliminary cmos ic unisonic technologies co., ltd 10 of 10 www.unisonic.com.tw qw-r502-a27.a ? typical application circuit m1 m2 r1=100~470 ? c1=0.1f r2=1k ? do co v dd v ss v m battery eb+ eb- utc UB261 dp notes: 1. overdischarge detection volt age must be higher than the threshold vo ltage of m1 and m2, if not, the m1 may not cut the charging current. if the threshold voltage of m1 equal to or higher than the overdischarge detection voltage is used, discharging may be stopped before overdischarge is detected. 2. charger voltage must be higher than the withstanding voltage between the gate and source of m1 and m2, if not, m1 and m2 may be destroyed. 3. resistance of r1 can?t be high, the value is about from 100 ? to 470 ? , if r1 has a high resistance, the voltage between v dd pin and v ss pin may exceed the absolute maximum rating when a charger is connected in reverse since the current flows from the charger to the ic. insert a resistor of 100 ? or higher as r1 for esd protection. 4. the capacitance of c1 must not be less than 0.022 f, if not, do pin may oscillate when load short-circuiting is detected. be su re to connect a capacitor of 0.022 f or higher to c1, the typical value is about 0.1 f. 5. the resistance of r2 can not be higher than 2k ? , if not, the charging current may not be cut when a high-voltage charger is connected. utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UB261

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X